Part Number Hot Search : 
GP7N60 AN1262 ATU18160 SI9801DY LFXP20 1451A BD451P GP1001
Product Description
Full Text Search
 

To Download OM1321NKM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM1321SMM OM1321NMM OM1321NKM OM1321NTM
OM1321STM OM1321N2M
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages (LM117HV)
Please see mechanical outlines herein
FEATURES
* * * * * Similar To Industry Standard LM117HV Approved To DESC Standardized Military Drawing Number 7703402 Built In Thermal Overload Protection Short Circuit Current Limiting Available In Six Package Styles
DESCRIPTION
These three terminal positive regulators are supplied in hermetically sealed packages. All protective features are designed into the circuit, including thermal shutdown, current-limiting, and safe-area control. With heat sinking, these devices can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5 amps. The unit also features output voltages that can be fixed from 1.2 volts to 57 volts using external resistors.
ABSOLUTE MAXIMUM RATINGS Tc @ 25C
Power Dissipation Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300C Thermal Resistance, Junction to Case: Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17C/W Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2C/W Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5C/W Case Y, TO-3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3.0C/W Maximum Output Current: Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5 A Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A Recommended Operating Conditions: Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.2 to 37 VDC Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55C to + 125C Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.25 to 41.25 VDC
4 11 R2 Supersedes 1 07 R1
3.5
3.5 - 5
OM1321NTM, OM1321STM, OM1321NKM, OM1321SMM, OM1321NMM, OM1321N2M
ELECTRICAL CHARACTERISTICS
Parameter Reference Voltage Symbol VREF
-55C TA 125C, IL = 8mA (unless otherwise specified)
Min. 1.20 Max. 1.30 1.30 1.30 1.30 9 23 5 10 15 15 15 15 15 16 mV mV mV V Unit
OM1321NTM, OM1321STM, OM1321NKM, OM1321SMM, OM1321NMM
Test Conditions VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V Line Regulation (Note 1) RLINE 3.0V VDIFF 40V, Vout = Vref, TA = 25C 3.3V VDIFF 40V, Vout = Vref 40V VDIFF 60V, Vout = Vref, TA = 25C 40V VDIFF 60V, Vout = Vref Load Regulation (Note 1) RLOAD VDIFF = 3.0V, 10mA IL 1.5A, TA = 25C VDIFF = 3.3V, 10mA IL 1.5A VDIFF = 40V, 10mA IL 300mA, TA = 25C VDIFF = 40V, 10mA IL 195mA VDIFF = 60V, 10mA IL 30mA Thermal Regulation VRTH Vin = 14.6V, IL = 1.5A Pd = 20 Watts, t = 20 ms, TA = 25C Ripple Rejection (Note 2) Adjustment Pin Current IAdj RN f = 120 Hz, Vout = Vref CAdj = 10 F, Iout = 100 mA VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V Adjustment Pin Current Change IAdj VDIFF = 3.0V, 10mA IL 1.5A, TA = 25C VDIFF = 3.3V, 10mA IL 1.5A VDIFF = 40V, 10mA IL 300mA, TA = 25C VDIFF = 40V, 10mA IL 195mA 3.0V VDIFF 40V, TA = 25C 3.3V VDIFF 40V 3.3V VDIFF 60V Miminum Load Current ILmin VDIFF = 3.0V, Vout = 1.4V (forced) VDIFF = 3.3V, Vout = 1.4V (forced) VDIFF = 40V, Vout = 1.4V (forced) VDIFF = 60V, Vout = 1.4V (forced) Current Limit (Note 2) ICL VDIFF = 5V VDIFF = 40V, TA = 25C VDIFF = 60V, TA = 25C * 100
* * * * * * * *
1.20 1.20 1.20 -9 -23 -5 -10 -15 -15 -15 -15 -15 -16
*
66
dB
* * *
-5
100 100 100 5 5 5 5 5 5 5 5.0
A
*
-5 -5 -5 -5
A
* * * * * *
-5 -5
5.0 5.0 7.0 1.5 0.3 0.05 3.5 1.5 0.50
mA
A
Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. If not tested, shall be guaranteed to the specified limits. 3. The * denotes the specifications which apply over the full operating temperature range.
3.5
7703402M 7703402U 7703402T 7703402Y 7703402N 77034022
PART NUMBER DESIGNATOR
Standard Military Drawing Number Omnirel Part Number OM1321SMM OM1321STM OM1321NTM OM1321 NKM OM1321NMM OM1321N2M Omnirel Package Designation SMD-3 TO-257 (Isolated) TO-257 (non-Isolated) TO-3 SMD-1 LCC-20
3.5 - 6
OM1321NTM, OM1321STM, OM1321NKM, OM1321SMM, OM1321NMM, OM1321N2M
ELECTRICAL CHARACTERISTICS
OM1321N2M
Parameter Reference Voltage Symbol VREF
-55C TA 125C, IL = 8mA (unless otherwise specified)
Min. 1.20 Max. 1.30 1.30 1.30 1.30 9 23 5 10 15 15 15 15 15 3.1 mV mV mV V Unit
Test Conditions VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V
* * * * * * * *
1.20 1.20 1.20 -9 -23 -5 -10 -15 -15 -15 -15 -15 -3.1
Line Regulation (Note 1)
RLINE
3.0V VDIFF 40V, Vout = Vref, TA = 25C 3.3V VDIFF 40V, Vout = Vref 40V VDIFF 60V, Vout = Vref, TA = 25C 40V VDIFF 60V, Vout = Vref
Load Regulation (Note 1)
RLOAD
VDIFF = 3.0V, 10mA IL 500 mA, TA = 25C VDIFF = 3.3V, 10mA IL 500 mA VDIFF = 40V, 10mA IL 150 mA, TA = 25C VDIFF = 40V, 10mA IL 100 mA VDIFF = 60V, 10mA IL 20 mA
Thermal Regulation
VRTH
Vin = 14.6V, IL = 300 mA Pd = 4.0 Watts, t = 20 ms, TA = 25C
Ripple Rejection (Note 2) Adjustment Pin Current
RN
f = 120 Hz, Vout = Vref CAdj = 10 F, Iout = 100 mA
*
66
dB
IAdj
VDIFF = 3.0V, TA = 25C VDIFF = 3.3V VDIFF = 40V VDIFF = 60V
100
* * *
-5
100 100 100 5 5 5 5 5 5 5 5.0
A
Adjustment Pin Current Change
IAdj
VDIFF = 3.0V, 10mA IL 500 mA, TA = 25C VDIFF = 3.3V, 10mA IL 500 mA VDIFF = 40V, 10mA IL 150 mA, TA = 25C VDIFF = 40V, 10mA IL 100 mA 3.0V VDIFF 40V, TA = 25C 3.3V VDIFF 40V 3.3V VDIFF 60V *
*
-5 -5 -5 -5
A
* * * * * *
-5 -5
Miminum Load Current
ILmin
VDIFF = 3.0V, Vout = 1.4V (forced) VDIFF = 3.3V, Vout = 1.4V (forced) VDIFF = 40V, Vout = 1.4V (forced) VDIFF = 60V, Vout = 1.4V (forced)
5.0 5.0 7.0 0.5 0.15 0.02 1.65 0.65 0.28
mA
Current Limit (Note 2)
ICL
VDIFF = 5V VDIFF = 40V, TA = 25C VDIFF = 60V, TA = 25C
A
Notes: Please see previous page.
STANDARD APPLICATION
* Cin is required if regulator is located an appreciable distance from power supply filter. ** Co is not needed for stability, however it does improve transient response. R Vout = 1.25 V (1 + 2 )+ IAd j R2 R1 Since IAdj is controlled to less than 100 A, the error associated with this term is negligible in most applications.
Vin OM1321STM R1 240 IAdj Cin* 0.1 F R2 Adjust Co** 1.0 F Vout
3.5
3.5 - 7
OM1321NTM, OM1321STM, OM1321NKM, OM1321SMM, OM1321NMM, OM1321N2M
MECHANICAL OUTLINE
.425
.420 .410
.200 .190 .045 .035 .665 .645 .537 .527
1
.100 .200
3 2
.035 WIDE FLAT 3 PLCS.
.425
.150 .140
.350 MIN.
123
.430 .410
.020
.020 .115 .160
.080
.038 MAX.
OM1321SMM
.750 .500 .005
Front View Pin 1 - Adjust Pin 2 - Input Pin 3 - Output Tab - Isolated
.035 .025
.100 TYP.
.120 TYP.
.140 .015 .075 .157
.140
.140 .075
1
2
OM1321STM Isolated
Front View Pin 1 - Adjust Pin 2 - Output Pin 3 - Input Tab - Isolated
OM1321NTM Non-Isolated
Front View Pin 1 - Adjust Pin 2 - Output Pin 3 - Input Tab - Output
.415
.030 MIN.
3
.062
.375
OM1321NMM
Pin 1 - Adjust Pin 2 - Input Pin 3 - Output
1.53 REF. 0.875 MAX. 0.135 MAX. 0.450 0.250 0.312 MIN. SEATING PLANE 0.043 0.038 2 PLCS. 0.225 0.205 0.161 0.151 0.525 R. MAX. 1.197 1.177 0.675 0.655 0.440 0.420
.065 .020 X45 REF.
(.003)
.009 R. 20 PLCS. .040
4
.010
0.188 R. MAX.
.075 (.010) TYP.
9
.025 TYP.
3 1 19
2 1
.003
.085 .025 SQ. TYP.
18 14
.160 SQ. REF.
13
.050 TYP. .040 X45 REF (3 PL)
.050 (.005) TYP.
OM1321N2M
Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 NC NC NC NC NC NC NC NC NC NC Pin 11 Pin 12 Pin 13 Pin 14 Pin 15 Pin 16 Pin 17 Pin 18 Pin 19 Pin 20 VIN VOUT VOUT VOUT(Sense) NC NC NC Adjust NC VIN
OM1321NKM
3.5
Pin 1 - Adjust Pin 2 - Input Case - Output
For additional information please see the mechanical outline section.


▲Up To Search▲   

 
Price & Availability of OM1321NKM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X